Part Number Hot Search : 
CXP84540 471M1 N4099 P6KE36 MM3Z12 B0505 MMSZ5 7A175
Product Description
Full Text Search
 

To Download H2019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER OVER ETHERNET (PoE) MAGNETICS
10/100BASE-TX VoIP Magnetics Modules
RoHS-5 peak reflow temperature rating 235C RoHS-6 peak reflow temperature rating 245C IEEE 802.3af/ANSI X3.263 compliant performance Designed for IP phone or switch applications
Electrical Specifications @ 25C -- Operating Temperature 0C to 70C
RoHS-53 Compliant Part Number H1180 H1187 H1197 H2019 H2005A H2006A H2008 H2009 H2014 H2017 HX2019 1 RoHS-64 Compliant Part Number H1180NL2c H1187NL4c H1197NL 2c H2019NL2c H2005ANL2c H2006ANL2d H2008 NL2d H2009NL2a H2017NL2c HX2019NL1, 2a Insertion Return Loss Loss Ports (dB MIN @ 100 ) (dB MAX) 1-100MHz 1-30MHz 40MHz 50MHz 60-80MHz 1 -1.2 -16 -14 -13 -12 1 -1.2 -16 -14 -13 -12 1 -1.2 -16 -14 -13 -12 1 -1.2 -16 -14 -13 -12 2 -1.2 -16 -14 -13 -12 2 -1.2 -16 -14 -13 -12 2 -1.2 -16 -14 -13 -12 2 -1.1 -16 -14 -13 -12 4 -1.2 -16 -14 -13 -12 4 -1.2 -16 -14 -13 -12 1 -1.4 -16 -14 -13 -12 Differential to Common Mode Rejection (dB MIN) 30MHz 60MHz 100MHz -43 -37 -33 -43 -37 -33 -43 -37 -33 -43 -37 -33 -50 -43 -35 -43 -37 -33 -40 -35 -30 -43 -37 -33 -43 -37 -33 -43 -37 -33 -- -- -- DC Hipot Resistance (VRMS MIN) Balance < (%) 30MHz 60MHz 100MHz -45 -40 -35 1500 -- -45 -40 -35 1500 -- -45 -40 -35 1500 -- -45 -40 -35 1500 3.5 -43 -37 -33 1500 3.5 -43 -37 -31 1500 3.5 -43 -37 -33 1500 3.5 -43 -37 -33 1500 3.5 -45 -40 -35 1500 3.5 -45 -40 -35 1800 3.5 -45 -40 -35 1500 3.5 Crosstalk (dB MIN)
1. Extended operating temperature (-40C to +85C) 2. MSL (Moisture Sensitivity Level): a = 1 b = 2 c = 3 d = 4 e = 5 3. RoHS-5: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive (product contains lead in applications considered solder). 4. RoHS-6: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high-temperature solder (solder alloys containing more than 85% lead). NOTE: When ordering Tape & Reel packaging, add the suffix "T" to the end of the part number. For example: H2008NLT.
Mechanicals
H1180
.300 7,62 .200 5,08
1 3 5
.025 0,64 .100 2,54
.070 1,78
H1187
6 5 4 .258 6,55
.290 7,37
+.005
.430 10,92
.390 9,91
H1187
Date Code Country of Origin
.275 MAX 7,00 .040 1,02 .240 6,10
H1180 Date Code Country of Origin
2 4 6
.300 .415 -.010 7,62 10,54
.200 5,08
.100 TYP 2,54
.075 1,91
1
2 3 .300 MAX 7,62
SUGGESTED PAD LAYOUT
.018/.020 TYP 0,45/0,51
SUGGESTED PAD LAYOUT
.250 6,35
0/8 .040 1,02 .010/.015 0,25/0,38
.200 5,08 .003/0,08
.100 2,54 .200 5,08
Weight . . . . . . . . . .0.6 grams Tape & Reel . . . . . . .500/reel Tube . . . . . . . . . . . . . .65/tube
Dimensions: Inches mm
Unless otherwise specified, all tolerances are .010 0,25
Weight . . . . . . . . . . 0.6 grams Tape & Reel . . . . . . . 500/reel Tube . . . . . . . . . . . . . 70/tube
USA 858 674 8100 * Germany 49 7032 7806 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 755 33966678 * Taiwan 886 3 4641811
www.pulseeng.com
1
H327.L (5/07)
POWER OVER ETHERNET (PoE) MAGNETICS
10/100BASE-TX VoIP Magnetics Modules
Mechanicals
H1197
.075 1,91 .500 12,70 16X .018 /.020 0,46 / 0,51 .420 .270 10,67 6,86 .350 8,89 .050 1,27
H2019, HX2019
.350 8,89 .500 12,70 16X .018 /.020 0,46 / 0,51 .410 .300 10,41 7,62 .050 1,27
Date Code
H1197
Country of Origin
.265 .370 6,73 9,40 .025 0,64
Date Code
H/HX2019
Country of Origin
.280 .370 7,11 9,40 .025 0,64
.235 5,97 .050 1,27 .350 8,89 .010 0,25 .004/0,10 16 Surfaces .035 0,89
16X 0 8 .050 1,27 .350 8,89
.235 5,97 .004/0,10 16 Surfaces .010 0,25 .035 0,89
16X 0 8
7X
7X
Weight . . . . . . . . . . 2.8 grams Tape & Reel . . . . . . . 600/reel Tube . . . . . . . . . . . . . 45/tube
Dimensions: Inches mm
Unless otherwise specified, all tolerances are .010 0,25
Weight . . . . . . . . . 1.0 grams Tape & Reel . . . . . . . 600/reel Tube . . . . . . . . . . . . . 45/tube
H2005A
H2006A, H2008
.510 12,95
.620 .770 15,75 19,56
.537 13,64
.490 .620 12,45 15,75
Patent Pending Date Code Country of Origin
.600 .740 15,2418,80 24X .039 0,99 .025 0,64
H2006A/2008
Patent Pending Date Code Country of Origin
.470 .590 11,94 14,99
24X
.025 0,64
.040 1,02 24X .016 0,41
.040 11X 1,02 . 440 11,18
.039 0,99 11X .039 . 429 = 0,99 10,90
24X
.016 0,41
11X.039 = . 429 0,99 10,90
.040 1,02
11X
.040 . 440 = 1,02 11,18
.280 7,11 .010 0,25 .004 / 0,10 24 SURFACES .035 24X 0,89
.245 6,22
24X 0 8
24X 0 8 .035 0,89
.010 0,25
.004 / 0,10 24 SURFACES
24X
Weight . . . . . . . . . .2.7 grams Tape & Reel . . . . . . .300/reel Tube . . . . . . . . . . . . . .25/tube
Dimensions: Inches mm
Unless otherwise specified, all tolerances are .010 0,25
Weight . . . . . . . . . . 2.4 grams Tape & Reel . . . . . . . 350/reel Tube . . . . . . . . . . . . . 35/tube
USA 858 674 8100 * Germany 49 7032 7806 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 755 33966678 * Taiwan 886 3 4641811
www.pulseeng.com
2
H327.L (5/07)
POWER OVER ETHERNET (PoE) MAGNETICS
10/100BASE-TX VoIP Magnetics Modules
Mechanicals (continued)
H2009
.518 13,16
.610 .770 15,49 19,56
.595 15,11
H2009
Date Code Country of Origin
.732 18,59
24X
.016 0,41 .039 0,99
24X
.025 0,64 .039 0,99 11X.039 = . 429 0,99 10,90
.429 11X.039 = 0,99 10,90
Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
.241 6,12 .010 0,25 .004 / 0,10 24 SURFACES 24X .035 0,89 0-8
Weight . . . . . . . . . . 1.6 grams Tape & Reel . . . . . . . 300/reel Tube . . . . . . . . . . . . . 35/tube
H2014, H2017
1.120 28,45 48X .025 0,64
23X .040 = .920 1,02 23,37
.040 1,02
.500 .660 12,70 16,76
Date Code
H2014/H2017
480 .630 12,19 16,0
Country of Origin
Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
.040 48X .016 1,02 0,41 24X .040 = .920 1,02 23,37 .280 7,11 .010 0,25 .004 / 0,10 48 SURFACES 48X .045 1,14
0 8
Weight . . . . . . . . . 5.0 grams Tape & Reel . . . . . . 250 /reel Tube . . . . . . . . . . . . . 15/tube
Schematics
H1180, H1187
6 5 4 1 2 3 6 7 8
H1197
16 15 14 11 10 9
H2019, HX2019
1 2 3
TD+ 1 TCT 2 TD- 3 RD+ 6 RCT 7 RD- 8 1:1 1:1
16 TX1+ 15 TXCT 14 TX111 RX1+ 10 RXCT 9 RX-
USA 858 674 8100 * Germany 49 7032 7806 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 755 33966678 * Taiwan 886 3 4641811
www.pulseeng.com
3
H327.L (5/07)
POWER OVER ETHERNET (PoE) MAGNETICS
10/100BASE-TX VoIP Magnetics Modules
Schematics (continued)
H2005A
RD1+ 1 RCT1 2 RD1- 3 TD1+ 4 TCT1 5 TD1- 6 TD2+ 7 TCT2 8 TD2- 9 RD2+ 10 RCT2 11 RD2- 12 1:1 1:1 1:1 1:1 24 RX1+ 23 RXT1 22 RX121 TX1+ 20 TXCT1 19 TX118 TX2+ 17 TXCT2 16 TX215 RX2+
H2006A
RD1+ 1 RCT1 2 RD1- 3 TD1+ 4 TCT1 5 TD1- 6 TD2+ 7 TCT2 8 TD2- 9 RD2+ 10 RCT2 11 RD2- 12 1:1 1:1 1:1 1:1 24 RX1+ 23 RXCT1 22 RX121 TX1+ 20 TXCT1 19 TX118 TX2+ 17 TXCT2 16 TX215 RX2+ 14 RXCT2 13 RX2-
14 RXCT2 13 RX2-
H2008
RD1+ 1 RCT1 2 RD1- 3 TD1+ 4 TCT1 5 TD1- 6 TD2+ 7 TCT2 8 TD2- 9 RD2+ 10 RCT2 11 RD2- 12 1:1 1:1 1:1 1:1 24 RX1+ 23 RXCT1 22 RX121 TX1+ 20 TXCT1 19 TX118 TX2+ 17 TXCT2 16 TX215 RX2+ 14 RXCT2 13 RX2-
H2009
RD1+ 1 RCT1 2 RD1- 3 TD1+ 4 TCT1 5 TD1- 6 TD2+ 7 TCT2 8 TD2- 9 RD2+ 10 RCT2 11 RD2- 12 1:1
24 RX1+ 23 RXCT1 22 RX121 TX1+ 20 TXCT1 19 TX118 TX2+ 17 TXCT2 16 TX215 RX2+ 14 RXCT2 13 RX2-
USA 858 674 8100 * Germany 49 7032 7806 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 755 33966678 * Taiwan 886 3 4641811
www.pulseeng.com
4
H327.L (5/07)
POWER OVER ETHERNET (PoE) MAGNETICS
10/100BASE-TX VoIP Magnetics Modules
Schematics (continued)
H2014
40 CMT2 39 CMR2 46 CMR1 45 CMT1 34 CMR3 33 CMT3 28 CMT4 27 CMR4 37 RX2+ 36 RX3+ 35 RX3 48 RX1+ 47 RX1 32 TX3+ 44 TX1+ 43 TX1 31 TX3 25 RX4+ 38 RX2 26 RX4 41 TX2+ 29 TX4+ 42 TX2 30 TX4
1:1
1:1
1:1
1:1
1:1
1:1
RD3+ 13
RD3 14
RCT3 15 TCT3 16
TD3+ 17
TCT2 9 RCT2 10
TD3 18
TD2+ 8
TD2 7
TD4+ 20
TCT4 21 RCT4 22
1:1
RD2 11
RD2+ 12
H2017
43 TX1CHANNEL 1 42 TX247 CMR1 38 CMR2 44 CMT1 41 CMT2 48 RX1+ 45 TX1+ 40 TX2+ 46 RX139 RX2-
MEDIA SIDE 37 RX2+ CHANNEL 2 36 RX3+ 31 TX3CHANNEL 3 30 TX425 RX4+ CHANNEL 4 CMR3 32 CMT3 29 CMT4 28 TX4+ 27 RX4TX3 CMR4 RX3
35
34
33
1:1
1:1
1:1
1:1
26
TD1- 6 TRANSMIT TD2- 7
1:1
1:1
1:1
TD3- 18 TRANSMIT TD4- 19
RD1- 3
TD1+ 4
TCT1 5
TCT2 8
TD2+ 9
RD2- 10
RD3- 15
TD3+ 16
TCT3 17
TCT4 20
RCT2 11
RD2+ 12 RECEIVE RD3+ 13
RCT3 14
TD4+ 21
RD4- 22
RD1+ 1
RCT1 2
RCT4 23
CHIP SIDE
For More Information:
Pulse Worldwide Headquarters
12220 World Trade Dr. San Diego, CA 92128 U.S.A.
Pulse Europe
Einsteinstrasse 1 D-71083 Herrenberg Germany
Pulse China Headquarters
B402, Shenzhen Tech-Innovation International Tenth Kejinan Rd. High-Tech Industrial Park Nanshan District, Shenzhen China Tel: 86 755 33966678 Fax: 86 755 33966700
Pulse North China
Room 1503 XinYin Building No. 888 YiShan Rd. Shanghai 200233 China Tel: 86 21 54643211/2 Fax: 86 21 54643210
Pulse South Asia
150 Kampong Ampat #07-01/02 KA Centre Singapore 368324
Pulse North Asia
No. 26 Kao Ching Rd. Yang Mei Chen Taoyuan Hsien Taiwan, R. O. C. Tel: 886 3 4641811 Fax: 886 3 4641911
www.pulseeng.com Tel: 858 674 8100 Fax: 858 674 8262
Tel: 49 7032 7806 0 Fax: 49 7032 7806 135
Tel: 65 6287 8998 Fax: 65 6280 0080
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. (c) Copyright, 2007. Pulse Engineering, Inc. All rights reserved.
www.pulseeng.com
5
H327.L (5/07)
RD4+ 24 RECEIVE
RECEIVE
1:1
RD4+ 24
TD4 19
RD4 23
RD1+ 1
RD1 2
RCT1 3 TCT1 4
TD1 6
TD1+ 5
1:1


▲Up To Search▲   

 
Price & Availability of H2019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X